Part Number Hot Search : 
DFLZ13 TIP29C XTC20 12S15 160MT80K A5941 CPDU5V0 AS339A
Product Description
Full Text Search
 

To Download 2700093 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  https://www.phoenixcontact.com/us/products/2700093 04/17/2015???page? 1 ?/? 4 connection element?-?psd-s ce-sm screw?-?2700093 please be informed that the data shown in this pdf document is generated from our online catalog. please find the complete data in the user's documentation. our general terms of use for downloads are valid (http://phoenixcontact.com/download) connection element with screw connection terminal blocks for base mounting ? key commercial data packing unit 1 pc weight per piece (excluding packing) 100.0 grm custom tariff number 85318095 country of origin germany technical data dimensions diameter 69 mm height 27 mm ambient conditions ambient temperature (operation) -20 c ... 50 c degree of protection ip65, when installed general material pa-gf color black weight 83 g mounting position any mounting type base mounting assembly instructions rubber seal pre-installed for each element number of mountable signal elements max. 5 scope of delivery end cover and seal 26,5 ? 70 ? 69 ? 4,2 21,5 18 3 16
https://www.phoenixcontact.com/us/products/2700093 04/17/2015???page? 2 ?/? 4 connection element?-?psd-s ce-sm screw?-?2700093 technical data electrical data nominal input voltage range 12 v ac/dc ... 240 v ac/dc connection data designation without ferrule connection method screw connection conductor cross section stranded min. 0.5 mm2 conductor cross section stranded max. 1.5 mm2 min. awg conductor cross section, stranded 20 max. awg conductor cross section, stranded 15 designation with ferrule connection method screw connection conductor cross section stranded min. 0.25 mm2 conductor cross section stranded max. 1.5 mm2 min. awg conductor cross section, stranded 23 max. awg conductor cross section, stranded 15 designation solid connection method screw connection conductor cross section solid min. 0.5 mm2 conductor cross section solid max. 1.5 mm2 single-wire/terminal point, solid awg min. 20 single-wire/terminal point, solid awg max. 15 approvals / conformities electromagnetic compatibility conformance with emc directive 2004/108/ec and for low-voltage directive 2006/95/ec classifications ecl@ss ecl@ss 4.0 27143203 ecl@ss 4.1 27143203 ecl@ss 5.0 27371232 ecl@ss 5.1 27371232 ecl@ss 6.0 27371232 ecl@ss 7.0 27371232 etim etim 3.0 ec001152 etim 4.0 ec001152 26,5 ? 70 ? 69 ? 4,2 21,5 18 3 16
https://www.phoenixcontact.com/us/products/2700093 04/17/2015???page? 3 ?/? 4 connection element?-?psd-s ce-sm screw?-?2700093 classifications etim etim 5.0 ec001152 unspsc unspsc 6.01 43172015 unspsc 7.0901 43201404 unspsc 11 39121311 unspsc 12.01 39121311 unspsc 13.2 39121311 approvals approvals approvals ul listed / cul listed / eac / eac / culus listed ex approvals approvals submitted approval details ul listed? cul listed? eac? eac? 26,5 ? 70 ? 69 ? 4,2 21,5 18 3 16
https://www.phoenixcontact.com/us/products/2700093 04/17/2015???page? 4 ?/? 4 connection element?-?psd-s ce-sm screw?-?2700093 approvals culus listed? drawings dimensional drawing phoenix contact 2015 ? - all rights reserved http://www.phoenixcontact.com 26,5 ? 70 ? 69 ? 4,2 21,5 18 3 16


▲Up To Search▲   

 
Price & Availability of 2700093

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X